PART |
Description |
Maker |
IRU1117CS IRUB1117CD IRUB1117CS IRUB1117CY IRU1117 |
0.8A Adj LDO Linear Regulator in a SOIC 8-Lead package 0.8A Adj LDO Linear Regulator in a SOT-223 3-Leads package 800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 800mA的低压差型正,可调式稳压 RES 0805 3K60 0.1W 1% 150V 100PPM/C
|
Analog Integrations, Corp. IRF[International Rectifier]
|
IRU1015CD IRU1015CDTR IRU1015CT |
1.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 1.5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package
|
International Rectifier
|
IRU1075CM IRU1075CP IRU1075CT IRU1075 |
7.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
AAT3223IGU-2.7-T1 AAT3223IGU-1.8-T1 AAT3223IGU-2.8 |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 250mA NanoPower LDO Linear Regulator with Power -OK
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
IRU1050-33CD IRU1050-33CDTR IRU1050-33CM IRU1050-3 |
5A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Fixed LDO Linear Regulator in a TO-263 3-Leads package 5A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A Fixed LDO Linear Regulator in a TO-220 3-Leads package
|
International Rectifier
|
AAT3220IQY-3.5-T1 AAT3220 AAT3220IGY-1.8-T1 AAT322 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower垄芒 LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
CS5253B-8G CS5253B-8GDPR5G CS5253B-8 CS5253B-8GDP5 |
3A LDO 5-Pin 2.5V Fixed Linear Regulator for Remote Sense Applications 3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications Micropower 5V, 100mA Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ONSEMI[ON Semiconductor]
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
SG117 SG117T SG117AK SG117K JAN117T SG117AIG SG117 |
1.5A Three Terminal Adj. Voltage Regulator TM 1.5A Three Terminal Adj. Voltage Regulator Positive Adjustable Linear Voltage Regulators; Package: TO-66; VDIFF (V): 40; IOUT (A): 1.5; VOUT (V): 36; 1.2 V-25 V ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
Microsemi, Corp. Microsemi Corporation
|
MSK5979HRHD MSK5979HRHS MSK5979HRHU MSK5979KRHD MS |
RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
|
Anaren Microwave M.S. Kennedy Corporatio...
|
AAT3223IGU-2.8-T1 AAT3223IGU-3.3-T1 AAT3223 AAT322 |
250mA NanoPower⑩ LDO Linear Regulator with Power-OK 250mA NanoPower垄芒 LDO Linear Regulator with Power-OK 250mA NanoPower LDO Linear Regulator with Power-OK
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|